PART |
Description |
Maker |
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
ISL81483 ISL81487 |
1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver, With Rx/Tx Enables and Low Power SHDN 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceiver, With Rx/Tx Enables
|
Intersil
|
ISL83483IBZ ISL8348304 ISL83485IBZ ISL83488IBZ ISL |
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(3.3V, 低功 高速或带有限斜率功能的RS-485/RS-422收发 3.3,低功耗,高速或摆率限制,RS-485/RS-422收发器(3.3V,低功率,高速或带有限斜率功能的的RS-485/RS-422收发器) 3.3V, Half Duplex, 10Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R LINE TRANSCEIVER, PDSO8 3.3V, Full Duplex, 250kbps Slew Rate Limited, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MAX14840E MAX14840EASA MAX14840EATA MAX14841E MAX1 |
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
|
Maxim Integrated Products
|
SP485EN-L |
Low Power Half-Duplex RS-485 Transceivers
|
Exar Corporation
|
ADM3491ARZ ADM3491AR-REEL ADM3491AR-REEL7 ADM3491A |
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO14 3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SP481E07 |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Sipex Corporation
|
SP481EMN-L/TR SP485EMN-L SP485EMN-L/TR SP481EMN/TR |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Sipex Corporation
|
ADM3493ARZ-REEL7 ADM3493ARZ ADM3493 |
3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
|
http:// AD[Analog Devices]
|
ADM3071E ADM3070EYRZ-REEL7 ADM3072E ADM3073EARZ AD |
3.3 V, 【15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
AD[Analog Devices]
|
ISL4485E |
RS-485/RS-422 Transceivers, 20Mbps, ESD Protected to 5kV, Half Duplex, 5V, With Rx/Tx Enables
|
Intersil
|
ADM2484E |
5 kV Signal Isolated, ESD Protected, 500 kbps, Full/Half Duplex RS-485 Transceiver
|
Analog Devices
|
|